Part Number Hot Search : 
24LC00P 14060 YABMLA LC73750 U9120 SF1607G 2409S AM2504
Product Description
Full Text Search
 

To Download BL-PWT-UJS-C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMERICAN BRIGHT OPTOELECTRONICS CORP.
Power DOMILED InGan BL-PWx-xJS Series
*
Feature:
1. High brightness surface mount LED. 2. 120 viewing angle. 3. Small package outline (LxWxH) of 2.8 x 3.2 x 1.8 mm. 4. Qualified according to JEDEC moisture sensitivity Level 2. 5. Compatible to both IR reflow soldering and TTW soldering.
*
Package Dimension:
Recommended Solder Pad
V.5 Page: 1 of 8
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Power DOMILED InGan BL-PWx-xJS Series
* Optical Characteristics:
Part Number BL-PWB-SJS-C20 * *
*
Chip Technology Color InGaN / Blue, 470 nm
Viewing Angle 120
Luminous Intensity @ If @ 30mA Iv ( mcd ) 90.0 ... 180.0 90.0 ... 112.5 112.5 ... 140.0 140.0 ... 180.0 112.5 ... 224.0 112.5 ... 140.0 140.0 ... 180.0 180.0 ... 224.0 140.0 ... 285.0 140.0 ... 180.0 180.0 ... 224.0 224.0 ... 285.0
BIN Q2 BIN R1 BIN R2
BL-PWB-SJS-C10 * *
*
BIN R1 BIN R2 BIN S1
BL-PWB-UJS-C10 * *
*
BIN R2 BIN S1 BIN S2 InGaN / Cyan, 505nm 120
BL-PWC-CJS-C10 * * * * BIN S1 BIN S2 BIN T1 BIN T2
180.0 ... 450.0 180.0 224.0 285.0 355.0 ... ... ... ... 224.0 285.0 355.0 450.0
BL-PWC-SJS-C10 * * * * BIN T1 BIN T2 BIN U1 BIN U2
285.0 ... 715.0 285.0 355.0 450.0 560.0 ... ... ... ... 355.0 450.0 560.0 715.0
BL-PWC-SJS-C20 * * * * BIN U1 BIN U2 BIN V1 BIN V2
450.0 ... 1125.0 450.0 560.0 715.0 900.0 ... ... ... ... 560.0 715.0 900.0 1125.0
BL-PWC-UJS-C10 * * * * BIN U1 BIN U2 BIN V1 BIN V2
450.0 ... 1125.0 450.0 560.0 715.0 900.0 ... ... ... ... 560.0 715.0 900.0 1125.0
V.5 Page: 2 of 8
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Power DOMILED InGan BL-PWx-xJS Series
* Optical Characteristics:
Part Number BL-PWT-CJS-C10 * * * * BIN S1 BIN S2 BIN T1 BIN T2 Chip Technology Color InGaN / True Green, 525nm Viewing Angle 120 Luminous Intensity @ If @ 30mA Iv ( mcd ) 180.0 ... 450.0 180.0 224.0 285.0 355.0 ... ... ... ... 224.0 285.0 355.0 450.0
BL-PWT-SJS-C10 * * * * BIN T1 BIN T2 BIN U1 BIN U2
285.0 ... 715.0 285.0 ... 355.0 ... 450.0 ... 560.0 ... 355.0 450.0 560.0 715.0
BL-PWT-SJS-C20 * * * * BIN U1 BIN U2 BIN V1 BIN V2
450.0 ... 1125.0 450.0 ... 560.0 ... 715.0 ... 900.0 ... 560.0 715.0 900.0 1125.0
BL-PWT-UJS-C10 * * * * BIN U1 BIN U2 BIN V1 BIN V2 InGaN / White (0.31, 0.31) 120
450.0 ... 1125.0 450.0 ... 560.0 ... 715.0 ... 900.0 ... 560.0 715.0 900.0 1125.0
BL-PWW-SJD-C10 * * * * BIN T1 BIN T2 BIN U1 BIN U2
285.0 ... 715.0 285.0 ... 355.0 355.0 ... 450.0 450.0 ... 560.0 560.0 ... 715.0 450.0 ... 1125.0
BL-PWW-UJD-C10
* BIN U1 450.0 ... 560.0 * BIN U2 560.0 ... 715.0 * BIN V1 715.0 ... 900.0 * BIN V2 900.0 ... 1125.0 Note: 1. Other luminous intensity groups are also available upon request. 2. Luminous intensity is measured with an accuracy of 11%. 3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 4. InGaN wavelength is very sensitive to drive current. Operating at lower current is not recommended and may yield unpredictable performance Current pulsing should be used for dimming purposes. 5. An optional Vf binning is also available upon request. Binning scheme is as per following table. V.5 Page: 3 of 8
AMERICAN BRIGHT OPTOELECTRONICS CORP.
*
Power DOMILED InGan BL-PWx-xJS Series
Absolute Maximum Ratings:
Maximum Value 30 200 5 125 -40 ... +100 -40 ... +100 135 Unit mA mA V C C C mW
Parameter DC forward current. Peak pulse current; (tp 10 s, Duty cycle = 0.005) Reverse voltage; Ir (max) = 10A. LED junction temperature. Operating temperature. Storage temperature. Power dissipation ( at room temperature )
*
Vf Binning: Forward voltage (V) 3.9 (typical), 4.55 (max) 3.35 ... 3.65 3.65 ... 3.95 3.95 ... 4.25 4.25 ... 4.55
Vf Bin @ 30mA Standard 30 31 32 33
*
Forward voltage, Vf is measured with an accuracy of 01 V.
Wavelength Grouping:
Color BL-PWB; Blue Group Full W X Y Z Full W X Y Full W X Y Z Wavelength is measured with an accuracy of 1 nm. V.5 Page: 4 of 8 Wavelength (nm) @ 30mA 464 - 476 464 - 468 468 - 472 472 - 476 476 - 480 499 - 511 499 - 503 503 - 507 507 - 511 520- 536 520 - 524 524 - 528 528 - 532 532 - 536
BL-PWC; Cyan
BL-PWT; True Green
AMERICAN BRIGHT OPTOELECTRONICS CORP.
*
Power DOMILED InGan BL-PWx-xJS Series
BL-PWW: White Color Grouping
White Bin Structure
0.43 0.42 0.41 0.40
E3
0.39 0.38 0.37 0.36
E1 E2
E4
C3
0.35 0.34
C1
0.33 0.32 0.31 0.30
C4
A3
C2
A1
0.29 0.28 0.27 0.26 0.25 0.24 0.27 0.28 0.29
A4
A2
0.30
0.31
0.32
0.33
0.34
0.35
0.36
Chromaticity coordinate groups are measured with an accuracy of 0.01. Bin A1 A2 A3 A4 C1 C2 C3 C4 Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy 0.2775 0.2732 0.2775 0.2557 0.2900 0.2939 0.2900 0.2764 0.3025 0.3146 0.3025 0.2971 0.3150 0.3354 0.3150 0.3179 W 0.2900 0.2939 0.2900 0.2764 0.3025 0.3146 0.3025 0.2971 0.3150 0.3354 0.3150 0.3179 0.3275 0.3561 0.3275 0.3386 0.2900 0.3114 0.2900 0.2939 0.3025 0.3321 0.3025 0.3146 0.3150 0.3529 0.3150 0.3354 0.3275 0.3736 0.3275 0.3561 0.2775 0.2907 0.2775 0.2732 0.2900 0.3114 0.2900 0.2939 0.3025 0.3321 0.3025 0.3146 0.3150 0.3529 0.3150 0.3354 Bin E1 Cx Cy E2 Cx Cy E3 Cx Cy E4 Cx Cy 0.3275 0.3561 0.3275 0.3386 0.3400 0.3768 0.3400 0.3593 X 0.3400 0.3768 0.3400 0.3593 0.3525 0.3975 0.3525 0.3800 0.3400 0.3943 0.3400 0.3768 0.3525 0.4150 0.3525 0.3975 0.3275 0.3736 0.3275 0.3561 0.3400 0.3943 0.3400 0.3768
V.5 Page: 5 of 8
AMERICAN BRIGHT OPTOELECTRONICS CORP.
*
Relative intensity. Normalized at 30 mA.
Power DOMILED InGan BL-PWx-xJS Series
Typical electro-optical characteristics curves:
Fig.1 Relative luminous intensity vs. forward current.
Intensity vs. DC Forward Current
1.8 1.6
Fig.2 Forward current vs. forward voltage.
Forward Current (mA) vs. Forward Voltage
60 50
1.4 1.2 1 0.8 0.6 0.4
Forward Current (mA)
0 10 20 30 40 50 60
40 30 20 10
0.2 0 FORWARD CURRENT (mA)
0 1.5 2 2.5 3 3.5 4 4.5 5 Forward Voltage (V)
Fig.3 Radiation pattern.
30 20 10 0
40
Fig.4 Maximum forward current vs. temperature.
1.0
35
40
0.8
Forward Current, If
30
MTTF > 5000 h
25
50
0.6
20
15
MTTF > 10000 h
60 70 80 90
0.4
10
0.2
5
0 0 10 20 30 40 50 60 70 80 90 100
0
Ambient Temperature
Fig.5 Relative Intensity vs Wavelength
Fig.6 Dominant Wavelength vs Forward Current
Relative Spectral Emission
1.0 0.9 White 0.8
Dominant Wavelength vs. Forward Current
470 469 540
Blue
535
Dom. WL (nm)
Relative Intensity
0.7 Blue 0.6 0.5 True Green 0.4 0.3 0.2 0.1 0.0 400
468 530 467 525 466 465 520
True Green
464
450 500 550 600 650 700 750 800
515
0
10
20
30 IF (mA)
40
50
60
Wavelength (nm)
V.5 Page: 6 of 8
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Power DOMILED InGan BL-PWx-xJS Series Fig. 7 Recommended IR-reflow Soldering Profile.
Classification Reflow Profile (JEDEC J-STD-020B)
275
250
235-240oC 10-30s Ramp-up 3 oC/sec max.
225
200
183 oC
60-150s
Temperature (oC)
175
150
125
Ramp-down 6 oC/sec max. Preheat 60-120s
100
75
50
360s max
25 0 50 100 150 200
Time (sec)
Fig. 8 Recommended TTW Soldering Profile.
V.5 Page: 7 of 8
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Power DOMILED InGan BL-PWx-xJS Series
*
Taping And Orientation:
Reels come in quantity of 2000 units. Reel diameter is 180 mm.
V.5 Page: 8 of 8


▲Up To Search▲   

 
Price & Availability of BL-PWT-UJS-C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X